| データシートサーチシステム |
|
TLE2301INEE4 データシート(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2301INEE4 データシート(HTML) 21 Page - Texas Instruments |
|
21 / 23 page ![]() TLE2301 EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH POWER OPERATIONAL AMPLIFIER SLOS131 – DECEMBER 1993 21 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION power dissipation in amplifier For sinusoidal waveforms, the dissipation in the amplifier, PAMP, is: P AMP + 2 V CC I CC ) 2 V CC I OM π –P O I CC + Amplifier s quiescent current where: I OM + Peak-output-signalling current from amplifier P O + Output power consumed by coupling network and load The power dissipated in the amplifier is minimized if the amplifier’s peak output current, IOM, is minimized. Since the output power consumed by the coupling and load is a function of current and voltage ( PO ≈ IO × VO), the amplifier’s peak output current can be minimized by maximizing the amplifier’s output voltage swing. circuit parts list The associated parts list is: REFERENCE FIGURE COMPONENT DESCRIPTION IC1 Figure 24, Figure 26 TLE2301 operational amplifier Texas Instruments TLE230INE L1 Figure 24 1.67:1, 15- µH leakage transformer Electronics Techniques P2820 (European manufacturer) CC Figure 24 470-nF capacitor Metalized paper, safety standards UL1414 CI Figure 24 100-nF capacitor Ceramic, general purpose CF1 Figure 24, Figure 26 15-pF capacitor Ceramic, general purpose CF2 Figure 24, Figure 26 39-pF capacitor Ceramic, general purpose CD1, CD2 Figure 24 220- µF, 10-V min capacitors Aluminum electrolytic, general purpose CD3, CD4 Figure 24 100-nF capacitors Ceramic, general purpose RF Figure 24 4.7-k Ω, 0.125-W min resistor Metal film, general purpose RI Figure 24 2.4-k Ω, 0.125-W min resistor Metal film, general purpose RS Figure 24 3.3-k Ω, 1-W min, resistor D1, D2 Figure 24 1N4001 series, 1-A min diodes General purpose |