データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

0639123500 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 0639123500
部品情報  T2 Terminator for Serial SATA Crimp Power Terminal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0639123500 データシート(HTML) 1 Page - Molex Electronics Ltd.

  0639123500 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/13/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0639123500
Status:
Active
Description:
T2 Terminator for Serial SATA Crimp Power Terminal
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T9999
Comments
See Tooling Specification (PDF) Above
Function
Crimp
Geographic Area
Global
Level of Automation
Semi-Automatic
More Detailed Tech Information
applicationtooling@molex.com
Product Name
T2
Survey
www.molex.com//review/apptool_survey.html
Tool Type
T2 Terminator Die
UPC
884982475021
Material Info
Reference - Drawing Numbers
Application Tooling Documents
ATS-639123500, TM-638000029, TM-638000029CN,
TM-638000029DE, TM-638000029FR,
TM-638000029IT, TM-638000029JP,
TM-638000029KR, TM-638000029MY,
TM-638000029PL, TM-638000029RU,
TM-638000029SK, TM-638000029SP,
TM-638000029TH, TM-638000029TW,
TM-638000029VN, TM-638500090, TM-638500090SP
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
T9999 Series
Use With
47634 , 67581 1.27mm Pitch SATA Crimp
Power Terminal, 20-24 AWG
This document was generated on 10/13/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - 0639123500

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0639123800 MOLEX11-0639123800 Datasheet
33Kb / 1P
T2 Terminator for insulation OD 0.95-1.08mm - 22-28 AWG
More results

同様の説明 - 0639123500

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
63912-3200 MOLEX11-63912-3200 Datasheet
40Kb / 1P
T2 Terminator for Female Crimp Terminal
63912-7800 MOLEX11-63912-7800 Datasheet
38Kb / 1P
T2 Terminator for SL Crimp Terminal
0639112900 MOLEX11-0639112900 Datasheet
32Kb / 1P
T2 Terminator for Flat Blade Crimp Terminal
0639114300 MOLEX11-0639114300 Datasheet
32Kb / 1P
T2 Terminator for .070 Female Crimp Terminal
63910-3400 MOLEX-63910-3400 Datasheet
176Kb / 6P
T2 Terminator-for SL??Crimp Terminal
03-13-09
63910-3500 MOLEX-63910-3500 Datasheet
175Kb / 6P
T2 Terminator-for SL??Crimp Terminal
03-13-09
ATS-639107500 MOLEX-ATS-639107500 Datasheet
227Kb / 6P
T2 Terminator MLX??Crimp Terminal
10-11-12
ATS-639109800 MOLEX-ATS-639109800 Datasheet
227Kb / 6P
T2 Terminator MLX??Crimp Terminal
10-11-12
ATS-639109900 MOLEX-ATS-639109900 Datasheet
228Kb / 6P
T2 Terminator MLX??Crimp Terminal
10-11-12
ATS-639111200 MOLEX-ATS-639111200 Datasheet
224Kb / 6P
T2 Terminator for 1.52mm (.060) Crimp Terminal
09-24-08
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com