データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4674ATL/NOPB データシート(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM4674ATL/NOPB
部品情報  Filterless 2.5W Stereo Class D Audio Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM4674ATL/NOPB データシート(HTML) 16 Page - Texas Instruments

Back Button LM4674ATL/NOPB Datasheet HTML 11Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 12Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 13Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 14Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 15Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 16Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 17Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 18Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 19Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM4674ATL/NOPB
DSBGA
YZR
16
250
178.0
8.4
2.08
2.08
0.76
4.0
8.0
Q1
LM4674ATLX/NOPB
DSBGA
YZR
16
3000
178.0
8.4
2.08
2.08
0.76
4.0
8.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
8-May-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19