データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SY10E112 データシート(PDF) 2 Page - Micrel Semiconductor

部品番号 SY10E112
部品情報  QUAD DRIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICREL [Micrel Semiconductor]
ホームページ  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E112 データシート(HTML) 2 Page - Micrel Semiconductor

  SY10E112 Datasheet HTML 1Page - Micrel Semiconductor SY10E112 Datasheet HTML 2Page - Micrel Semiconductor SY10E112 Datasheet HTML 3Page - Micrel Semiconductor SY10E112 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SY10E112
SY100E112
Micrel, Inc.
M9999-032006
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY10E112JI
J28-1
Industrial
SY10E112JI
Sn-Pb
SY10E112JITR(2)
J28-1
Industrial
SY10E112JI
Sn-Pb
SY100E112JI
J28-1
Industrial
SY100E112JI
Sn-Pb
SY100E112JITR(2)
J28-1
Industrial
SY100E112JI
Sn-Pb
SY10E112JC
J28-1
Commercial
SY10E112JC
Sn-Pb
SY10E112JCTR(2)
J28-1
Commercial
SY10E112JC
Sn-Pb
SY100E112JC
J28-1
Commercial
SY100E112JC
Sn-Pb
SY100E112JCTR(2)
J28-1
Commercial
SY100E112JC
Sn-Pb
SY10E112JY(3)
J28-1
Industrial
SY10E112JY with
Matte-Sn
Pb-Free bar-line indicator
SY10E112JYTR(2, 3)
J28-1
Industrial
SY10E112JY with
Matte-Sn
Pb-Free bar-line indicator
SY100E112JY(3)
J28-1
Industrial
SY100E112JY with
Matte-Sn
Pb-Free bar-line indicator
SY100E112JYTR(2, 3)
J28-1
Industrial
SY100E112JY with
Matte-Sn
Pb-Free bar-line indic ator
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.
28-Pin PLCC (J28-1)
VEE
VCCO
D3
D0
D1
26
27
28
1
2
3
4
18
17
16
15
14
13
12
25 24 23 22 21 20 19
56789
10 11
EN
D2
Q2b
PLCC
TOP VIEW
J28-1
Q2a
VCC
Q1b
Q1a
Q1b
Q1a



Html Pages

1 2 3 4