データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SY10E136 データシート(PDF) 2 Page - Micrel Semiconductor

部品番号 SY10E136
部品情報  6-BIT UNIVERSAL UP/DOWN COUNTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICREL [Micrel Semiconductor]
ホームページ  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E136 データシート(HTML) 2 Page - Micrel Semiconductor

  SY10E136 Datasheet HTML 1Page - Micrel Semiconductor SY10E136 Datasheet HTML 2Page - Micrel Semiconductor SY10E136 Datasheet HTML 3Page - Micrel Semiconductor SY10E136 Datasheet HTML 4Page - Micrel Semiconductor SY10E136 Datasheet HTML 5Page - Micrel Semiconductor SY10E136 Datasheet HTML 6Page - Micrel Semiconductor SY10E136 Datasheet HTML 7Page - Micrel Semiconductor SY10E136 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
SY10E136
SY100E136
Micrel
LOGIC DIAGRAM
BLOCK DIAGRAM(1)
NOTE:
1. This diagram is provided for understanding of logic operation only. It should not be used for propagation delays as many gate functions are achieved
internally without incurring a full gate delay.
E136 Universal Up/Down Counter Logic Diagram
BITS 2 – 4
D0
Q0
D1
Q1
D2 – D4
Q2 – Q5
D5
Q5



Html Pages

1 2 3 4 5 6 7 8