| データシートサーチシステム |
|
TUL1102L-TQ2-R データシート(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
TUL1102L-TQ2-R データシート(HTML) 1 Page - Unisonic Technologies |
|
1 / 5 page ![]() UNISONIC TECHNOLOGIES CO., LTD TUL1102 NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 5 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R203-034.D HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR DESCRIPTION The TUL1102 is manufactured which is using high voltage Multi Epitaxial Planar technology for high voltage capability and high switching speeds. For enhancing switching speeds while maintaining a wide RBSOA, the TUL1102 uses a Cellular Emitter structure with planar edge termination. Because of an increased intermediate layer which has an intrinsic ruggedness, and it enables the transistor to withstand a high collector current level during Breakdown condition, without using the transil protection. FEATURES * High voltage * Dynamic parameters: low spread * For reliable operation: minimum lot-to-lot spread * High switching speed ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Plating Halogen-Free 1 2 3 TUL1102L-TA3-T TUL1102G-TA3-T TO-220 B C E Tube TUL1102L-TF1-T TUL1102G-TF1-T TO-220F1 B C E Tube TUL1102L-TM3-T TUL1102G-TM3-T TO-251 B C E Tube TUL1102L-TN3-R TUL1102G-TN3-R TO-252 B C E Tape Reel TUL1102L-TQ2-T TUL1102G-TQ2-T TO-263 B C E Tube TUL1102L-TQ2-R TUL1102G-TQ2-R TO-263 B C E Tape Reel MARKING INFORMATION PACKAGE MARKING TO-220 TO-220F1 TO-251 TO-252 TO-263 |
同様の部品番号 - TUL1102L-TQ2-R |
|
同様の説明 - TUL1102L-TQ2-R |