データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SY10E445 データシート(PDF) 2 Page - Micrel Semiconductor

部品番号 SY10E445
部品情報  4-BIT SERIAL-to-PARALLEL CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICREL [Micrel Semiconductor]
ホームページ  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E445 データシート(HTML) 2 Page - Micrel Semiconductor

  SY10E445 Datasheet HTML 1Page - Micrel Semiconductor SY10E445 Datasheet HTML 2Page - Micrel Semiconductor SY10E445 Datasheet HTML 3Page - Micrel Semiconductor SY10E445 Datasheet HTML 4Page - Micrel Semiconductor SY10E445 Datasheet HTML 5Page - Micrel Semiconductor SY10E445 Datasheet HTML 6Page - Micrel Semiconductor SY10E445 Datasheet HTML 7Page - Micrel Semiconductor SY10E445 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
SY10E445
SY100E445
Micrel, Inc.
M9999-032206
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY10E445JC
J28-1
Commercial
SY10E445JC
Sn-Pb
SY10E445JCTR(2)
J28-1
Commercial
SY10E445JC
Sn-Pb
SY100E445JC
J28-1
Commercial
SY100E445JC
Sn-Pb
SY100E445JCTR(2)
J28-1
Commercial
SY100E445JC
Sn-Pb
SY10E445JZ(3)
J28-1
Commercial
SY10E445JZ with
Matte-Sn
Pb-Free bar-line indicator
SY10E445JZTR(2, 3)
J28-1
Commercial
SY10E445JZ with
Matte-Sn
Pb-Free bar-line indicator
SY100E445JZ(3)
J28-1
Commercial
SY100E445JZ with
Matte-Sn
Pb-Free bar-line indicator
SY100E445JZTR(2, 3)
J28-1
Commercial
SY100E445JZ with
Matte-Sn
Pb-Free bar-line indicator
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.
28-Pin PLCC (J28-1)
18
17
16
15
14
13
12
56
7
8
9
10 11
26
27
28
1
2
3
4
TOP VIEW
PLCC
J28-1
25 24 23 22 21 20 19
SINB
SEL
VEE
CLK
VBB
SINB
CLK
SOUT
VCC
Q0
Q1
VCCO
Q2
SOUT



Html Pages

1 2 3 4 5 6 7 8