| データシートサーチシステム |
|
DTA143EG-AL3-R データシート(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTA143EG-AL3-R データシート(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD DTA143E PNP SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2015 nisonic Technologies Co., Ltd QW-R206-057.G DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS) FEATURES * Built-in bias resistors that implies easy ON/OFF applications. * The bias resistors are thin-film resistors with complete isolation to allow positive input. EQUIVALENT CIRCUIT ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Halogen Free Package 1 2 3 Packing - DTA143EG-AE3-R SOT-23 G I O Tape Reel - DTA143EG-AL3-R SOT-323 G I O Tape Reel - DTA143EG-AN3-R SOT-523 G I O Tape Reel - DTA143EG-AQ3-R SOT-723 G I O Tape Reel DTA143EL-T92-B DTA143EG-T92-B TO-92 G O I Tape Box DTA143EL-T92-K DTA143EG-T92-K TO-92 G O I Bulk Note: Pin Assignment: G: GND, O: Out, I: In MARKING SOT-23 / SOT-323 / SOT-523 TO-92 AE3E |
同様の部品番号 - DTA143EG-AL3-R |
|
同様の説明 - DTA143EG-AL3-R |