| データシートサーチシステム |
|
MMDT3904G-AL6-R データシート(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
MMDT3904G-AL6-R データシート(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD MMDT3904 NPN EPITAXIAL SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R218-013.C DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR DESCRIPTION The UTC MMDT3904 is a dual NPN small signal surface mount transistor. FEATURES * Suitable for Low Power Amplification and Switching * Epitaxial Planar Die Construction * Extremely-Small Surface Mount Package EQUIVALENT CIRCUIT ORDERING INFORMATION Ordering Number Package Pin Assignment Packing 1 2 3 4 5 6 MMDT3904G-AL6-R SOT-363 E1 B1 C2 E2 B2 C1 Tape Reel MMDT3904G-AL6-R (1)Packing Type (2)Package Type (1) R: Tape Reel (2) AL6: SOT-363 (3) G: Halogen Free and Lead Free (3)Green Package MARKING D1AG 12 3 4 5 6 |
同様の部品番号 - MMDT3904G-AL6-R |
|
同様の説明 - MMDT3904G-AL6-R |