| データシートサーチシステム |
|
DBC2315G-AG6-R データシート(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DBC2315G-AG6-R データシート(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD DBC2315 Preliminary DUAL TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R222-008.b DIGITAL TRANSISTOR (BUILT-IN BIAS RESISTORS) DESCRIPTION * Both the DTB123Y chip and DTC115T chip in a SOT-26 package. * NPN/PNP silicon transistor(Built-in resistor type) FEATURES * Built-in bias resistors that implies easy ON/OFF applications. * The bias resistors are thin-film resistors with complete isolation to allow positive input. EQUIVALENT CIRCUITS ORDERING INFORMATION Ordering Number Package Pin Assignment Packing 12 34 56 DBC2315G-AG6-R SOT-26 C1 E1 C2 B2 E2 B1 Tape Reel Note: Pin Assignment: C: Collector B: Bas E: Emitter (1) R: Tape Reel (2) AG6: SOT-26 (3) G: Halogen Free and Lead Free DBC2315G-AG6-R (1)Packing Type (2)Package Type (3)Green Package MARKING |
同様の部品番号 - DBC2315G-AG6-R |
|
同様の説明 - DBC2315G-AG6-R |