| データシートサーチシステム |
|
DTC123JG-AL6-R データシート(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTC123JG-AL6-R データシート(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD DTC123J NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 4 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R206-076.I NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS) FEATURES * Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit). * The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. They also have the advantage of almost completely eliminating parasitic effects. * Only the on/off conditions need to be set for operation, making device design easy. EQUIVALENT CIRCUIT ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Halogen Free Package 1 2 3 Packing - DTC123JG-AE3-R SOT-23 G I O Tape Reel - DTC123JG-AL3-R SOT-323 G I O Tape Reel - DTC123JG-AN3-R SOT-523 G I O Tape Reel - DTC123JG-AL6-T SOT-363 G I O Tube - DTC123JG-AL6-R SOT-363 G I O Tape Reel DTC123JL-T92-K DTC123JG-T92-K TO-92 G O I Bulk DTC123JL-T92-B DTC123JG-T92-B TO-92 G O I Tape Box DTC123JL-T9S-K DTC123JG-T9S-K TO-92SP G O I Bulk DTC123JL-T9S-B DTC123JG-T9S-B TO-92SP G O I Tape Box Note: Pin Assignment: G: GND I: IN O: OUT |
同様の部品番号 - DTC123JG-AL6-R |
|
同様の説明 - DTC123JG-AL6-R |