データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

24LC41 データシート(PDF) 1 Page - Microchip Technology

部品番号 24LC41
部品情報  1K/4K 2.5V Dual Mode, Dual Port I 2 C Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC41 データシート(HTML) 1 Page - Microchip Technology

  24LC41 Datasheet HTML 1Page - Microchip Technology 24LC41 Datasheet HTML 2Page - Microchip Technology 24LC41 Datasheet HTML 3Page - Microchip Technology 24LC41 Datasheet HTML 4Page - Microchip Technology 24LC41 Datasheet HTML 5Page - Microchip Technology 24LC41 Datasheet HTML 6Page - Microchip Technology 24LC41 Datasheet HTML 7Page - Microchip Technology 24LC41 Datasheet HTML 8Page - Microchip Technology 24LC41 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 1996 Microchip Technology Inc.
DS21140B-page 1
FEATURES
• Single supply with operation down to 2.5V
• Completely implements DDC1
™/DDC2™ interface
for monitor identification
• Separate high speed 2-wire bus for
microcontroller access to 4K-bit Serial EEPROM
• Low power CMOS technology
• 2 mA active current typical
• 20
µA standby current typical at 5.5V
• Dual 2-wire serial interface bus
• Hardware write-protect for both ports
• Self-timed write cycle (including auto-erase)
• Page-write buffer for up to 8 bytes (DDC port) or
16 bytes (4K Port)
• 100 kHz (2.5V) and 400 kHz (5V) compatibility
• 1,000,000 erase/write cycles guaranteed
• Data retention > 40 years
• 8-pin PDIP package
• Available for extended temperature ranges
DESCRIPTION
The Microchip Technology Inc. 24LC41 is a dual-port
128 x 8 and 512 x 8-bit Electrically Erasable PROM
(EEPROM). This device is designed for use in applica-
tions requiring storage and serial transmission of con-
figuration and control information. Three modes of
operation have been implemented:
• Transmit-Only Mode for the DDC Monitor Port
• Bi-directional Mode for the DDC Monitor Port
• Bi-directional, industry-standard 2-wire bus for the
4K Microcontroller Access Port
Upon power-up, the DDC Monitor Port will be in the
Transmit-Only Mode, repeatedly sending a serial bit
stream of the entire memory array contents, clocked by
the VCLK/DWP pin. A valid high to low transition on the
DSCL pin will cause the device to enter the bi-direc-
tional Mode, with byte-selectable read/write capability
of the memory array. The 4K-bit microcontroller port is
completely independent of the DDC port, therefore, it
can be accessed continuously by a microcontroller
without interrupting DDC transmission activity. The
24LC41 is available in a standard 8-pin PDIP package
in both commercial and industrial temperature ranges.
- Commercial (C):
0
°C to
+70
°C
- Industrial (I):
-40
°C to
+85
°C
PACKAGE TYPE
BLOCK DIAGRAM
DSCL
VCLK/DWP
VSS
MSDA
1
2
3
4
8
7
6
5
DSDA
VCC
MWP
MSCL
PDIP
EDID Table
1K Bit
4K Bit
Serial
EEPROM
MSDA
MSCL
MWP
DSDA
VCLK/DWP
DSCL
24LC41
1K/4K 2.5V Dual Mode, Dual Port I2C™ Serial EEPROM
DDC is a trademark of the Video Electronics Standards Association.
I2C is a trademark of Philips Corporation.
This document was created with FrameMaker404


同様の部品番号 - 24LC41

メーカー部品番号データシート部品情報
logo
Microchip Technology
24LC41 MICROCHIP-24LC41 Datasheet
139Kb / 18P
1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2004
24LC41A MICROCHIP-24LC41A Datasheet
233Kb / 18P
1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2003
24LC41A-/P MICROCHIP-24LC41A-/P Datasheet
233Kb / 18P
1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2003
24LC41A-I/P MICROCHIP-24LC41A-I/P Datasheet
233Kb / 18P
1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2003
24LC41IP MICROCHIP-24LC41IP Datasheet
139Kb / 18P
1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2004
More results

同様の説明 - 24LC41

メーカー部品番号データシート部品情報
logo
Microchip Technology
24LC21 MICROCHIP-24LC21 Datasheet
81Kb / 12P
1K 2.5V Dual Mode I 2 C Serial EEPROM
2004
24LC21A MICROCHIP-24LC21A Datasheet
115Kb / 16P
1K 2.5V Dual Mode I 2 C Serial EEPROM
2003
24LCS21 MICROCHIP-24LCS21 Datasheet
91Kb / 12P
1K 2.5V Dual Mode I 2 C Serial EEPROM
1996
24LCS21A MICROCHIP-24LCS21A Datasheet
115Kb / 16P
1K 2.5V Dual Mode I 2 C Serial EEPROM
1996
24LC41 MICROCHIP-24LC41_04 Datasheet
139Kb / 18P
1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2004
24LCS21 MICROCHIP-24LCS21_05 Datasheet
378Kb / 24P
1K 2.5V Dual Mode I 2 C Serial EEPROM
2005
24LC21A MICROCHIP-24LC21A_03 Datasheet
239Kb / 18P
1K 2.5V Dual Mode I 2 C Serial EEPROM
2003
24LC41A MICROCHIP-24LC41A Datasheet
233Kb / 18P
1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2003
24LC21 MICROCHIP-24LC21_13 Datasheet
379Kb / 24P
1K 2.5V Dual Mode I2C??Serial EEPROM
10/26/12
24LC21A MICROCHIP-24LC21A Datasheet
180Kb / 18P
1K 2.5V Dual Mode I2C Serial EEPROM
07/28/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com