| データシートサーチシステム |
|
MMDT2907AG-AL6-R データシート(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
MMDT2907AG-AL6-R データシート(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD MMDT2907A Preliminary DUAL TRANSISTOR www.unisonic.com.tw 1 of 4 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R218-028.b NPN & PNP GENERAL PURPOSE AMPLIFIER DESCRIPTION The UTC MMDT2907A is an NPN & PNP general purpose amplifier. it’s suitable for a medium power amplifier and switch requiring collector currents up to 500mA. FEATURES * Low VCE(SAT * High collector current gain under high collector current condition EQUIVALENT CIRCUIT ORDERING INFORMATION Ordering Number Package Pin Assignment Packing 1 2 3 4 5 6 MMDT2907AG-AL6-R SOT-363 E1 B1 C2 E2 B2 C1 Tape Reel MMDT2907AG-AL6-R (1)Packing Type (2)Package Type (1) R: Tape Reel (2) AL6: SOT-363 (3) G: Halogen Free and Lead Free (3)Green Package MARKING |
同様の部品番号 - MMDT2907AG-AL6-R |
|
同様の説明 - MMDT2907AG-AL6-R |