データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCS300-P データシート(PDF) 18 Page - Microchip Technology

部品番号 HCS300-P
部品情報  KEE LOQ Code Hopping Encoder
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS300-P データシート(HTML) 18 Page - Microchip Technology

Back Button HCS300-P Datasheet HTML 12Page - Microchip Technology HCS300-P Datasheet HTML 13Page - Microchip Technology HCS300-P Datasheet HTML 14Page - Microchip Technology HCS300-P Datasheet HTML 15Page - Microchip Technology HCS300-P Datasheet HTML 16Page - Microchip Technology HCS300-P Datasheet HTML 17Page - Microchip Technology HCS300-P Datasheet HTML 18Page - Microchip Technology HCS300-P Datasheet HTML 19Page - Microchip Technology HCS300-P Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
HCS300
DS21137F-page 18
© 2001 Microchip Technology Inc.
FIGURE 8-1:
POWER-UP AND TRANSMIT TIMING
TABLE 8-3:
POWER-UP AND TRANSMIT TIMING(2)
FIGURE 8-2:
CODE WORD FORMAT
VDD = +3.5 to 13.0V
Commercial(C): Tamb = 0°C to +70°C
Industrial(I): Tamb = -40°C to +85°C
Symbol
Parameter
Min
Max
Unit
Remarks
TBP
Time to second button press
10 + Code
Word
26 + Code
Word
ms
(Note 1)
TTD
Transmit delay from button detect
10
26
ms
TDB
Debounce Delay
6
15
ms
TTO
Auto-shutoff time-out period
20
120
s
Note 1: TBP is the time in which a second button can be pressed without completion of the first code word and the
intention was to press the combination of buttons.
2: Typical values - not tested in production.
Button Press
Sn
Detect
TDB
Output
TTD
Multiple Code Word Transmission
TTO
Code
Word
1
Code
Word
2
Code
Word
3
Code
Word
n
TBP
Code
Word
4
PWM
Input
Button
LOGIC ‘0’
LOGIC ‘1’
Bit Period
Preamble
Header
Encrypted Portion
of Transmission
Fixed Portion of
Transmission
Guard
Time
TP
TH
THOP
TFIX
TG
50% Duty Cycle
TBP
TE
TE
TE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20