| データシートサーチシステム |
|
HCS515-IP データシート(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS515-IP データシート(HTML) 15 Page - Microchip Technology |
|
15 / 28 page ![]() © 2002 Microchip Technology Inc. DS40183D-page 15 HCS515 5.0 DECODER PROGRAMMING The memory is divided between system memory that stores the transmitter information (read protected) and user memory (read/write). Commands to access the user memory are described in Sections 4.2.5 and 4.2.6. The following information stored in system memory needs to be programmed before the decoder can be used: • 64-bit manufacturer’s code • Decoder configuration byte Note 1: These memory locations are read pro- tected and can only be written to using the program command with the device powered up. 2: The contents of the system memory is encrypted by a unique 64-bit key that is stored in the HCS515. To initialize the system memory, the HCS515’s program command must be used. 5.1 Configuration Byte The decoder is configured during initialization by set- ting the appropriate bits in the configuration byte. The following table list the options: 5.1.1 LRN_MODE LRN_MODE selects between two learning modes. With LRN_MODE = 0 , the Normal (serial number derived) mode is selected; with LRN_MODE = 1, the Secure (seed derived) mode is selected. See Section 6.0 for more detail on learning modes. 5.1.2 REPEAT The HCS515 can be configured to indicate repeated transmissions. In a stand-alone configuration, repeated transmissions must be disabled. Bit Mnemonic Description 0 LRN_MODE Learning mode selection LRN_MODE = 0 – Normal Learn LRN_MODE = 1 – Secure Learn 1 Not Used Reserved 2 REPEAT Repeat Transmission enable 0 = Disable 1 = Enabled 3 Not Used Reserved 4 Not Used Reserved 5 Not Used Reserved 6 Not Used Reserved 7 Not Used Reserved |