| データシートサーチシステム |
|
UT3PPG-AL6-R データシート(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UT3PPG-AL6-R データシート(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD UT3PP Preliminary DUAL TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R218-009.d COMPOSITE TRANSISTORS UT3PP DESCRIPTION As a composite transistor with resistor, the UTC UT3PP is for switching application. FEATURES * Silicon Epitaxial Type * The Internal Tow Transistor Elements are Independent. SYMBOL 4 5 6 12 3 R1 R1 TR2 TR1 ORDERING INFORMATION Ordering Number Package Pin Assignment Packing 1 2 3 4 5 6 UT3PPG-AL6-R SOT-363 E1 B1 C2 E2 B2 C1 Tape Reel Note: Pin Assignment: B: Base C: Collector E: Emittert MARKING |
同様の部品番号 - UT3PPG-AL6-R |
|
同様の説明 - UT3PPG-AL6-R |