| データシートサーチシステム |
|
28C64AFT-25IP データシート(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
28C64AFT-25IP データシート(HTML) 4 Page - Microchip Technology |
|
4 / 8 page ![]() 28C64A DS11109H-page 4 © 1996 Microchip Technology Inc. TABLE 1-4: BYTE WRITE AC CHARACTERISTICS FIGURE 1-2: PROGRAMMING WAVEFORMS AC Testing Waveform: VIH = 2.4V; VIL = 0.45V; VOH = 2.0V; VOL = 0.8V Output Load: 1 TTL Load + 100 pF Input Rise/Fall Times: 20 ns Ambient Temperature: Commercial (C): Tamb = 0˚C to +70˚C Industrial (I): Tamb = -40˚C to +85˚C Parameter Symbol Min Max Units Remarks Address Set-Up Time tAS 10 — ns Address Hold Time tAH 50 — ns Data Set-Up Time tDS 50 — ns Data Hold Time tDH 10 — ns Write Pulse Width tWPL 100 — ns Note 1 Write Pulse High Time tWPH 50 — ns OE Hold Time tOEH 10 — ns OE Set-Up Time tOES 10 — ns Data Valid Time tDV — 1000 ns Note 2 Time to Device Busy tDB 250 ns Write Cycle Time (28C64A) tWC — 1 ms 0.5 ms typical Write Cycle Time (28C64AF) tWC — 200 µs 100 µs typical Note 1: A write cycle can be initiated be CE or WE going low, whichever occurs last. The data is latched on the pos- itive edge WE, whichever occurs first. 2: Data must be valid within 1000ns max. after a write cycle is initiated and must be stable at least until tDH after the positive edge of WE or CE, whichever occurs first. tAS tAH tWPL tDS tDH tOES tOEH tWC Address CE, WE Data In OE VIH VIL VIH VIL VIH VIL VIH VIL Rdy/Busy VOH VOL tDB tDV Busy Ready |