| データシートサーチシステム |
|
UP672G-AL6-R データシート(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UP672G-AL6-R データシート(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD UP672 Power MOSFET www.unisonic.com.tw 1 of 4 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R502-504.B N-CHANNEL MOSFET ARRAY FOR SWITCHING DESCRIPTION The UTC UP672 includes two MOSFET devices in a SOT-363 package. It achieves high-density mounting and saves mounting costs. FEATURES * Automatic mounting supported SYMBOL (6) D1 (2) G1 S1 (1) N-Channel (3) D2 (5) G2 S2 (4) N-Channel SOT-363 1 2 3 4 5 6 ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 4 5 6 UP672L-AL6-R UP672G-AL6-R SOT-363 S1 G1 D2 S2 G2 D1 Tape Reel Note: Pin Assignment: G: Gate D: Drain S: Source MARKING |
同様の部品番号 - UP672G-AL6-R |
|
同様の説明 - UP672G-AL6-R |