| データシートサーチシステム |
|
UT06P03L-TN3-R データシート(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UT06P03L-TN3-R データシート(HTML) 1 Page - Unisonic Technologies |
|
1 / 6 page ![]() UNISONIC TECHNOLOGIES CO., LTD UT06P03 Power MOSFET www.unisonic.com.tw 1 of 5 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R502-156.D P-CHANNEL ENHANCEMENT MODE DESCRIPTION The UT06P03 is P-Channel Power MOSFET, designed with high density cell with fast switching speed, ultra low on-resistance, excellent thermal and electrical capabilities. SYMBOL SOT-26 4 5 3 2 1 6 SOT-89 1 1 TO-252 ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 12 34 5 6 - UT06P03G-AB3-R SOT-89 G D S - - - Tape Reel - UT06P03G-AG6-R SOT-26 D D G S D D Tape Reel UT06P03L-TN3-R UT06P03G-TN3-R TO-252 G D S - - - Tape Reel Note: Pin Assignment: G: Gate D: Drain S: Source MARKING SOT-89 SOT-26 TO-252 6P03G 1 2 3 4 5 6 |
同様の部品番号 - UT06P03L-TN3-R |
|
同様の説明 - UT06P03L-TN3-R |