| データシートサーチシステム |
|
PIC16C925/CL データシート(PDF) 54 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16C925/CL データシート(HTML) 54 Page - Microchip Technology |
|
54 / 182 page ![]() PIC16C925/926 DS39544A-page 52 Preliminary 2001 Microchip Technology Inc. REGISTER 7-1: T2CON: TIMER2 CONTROL REGISTER (ADDRESS 12h) TABLE 7-1: REGISTERS ASSOCIATED WITH TIMER2 AS A TIMER/COUNTER U-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 — TOUTPS3 TOUTPS2 TOUTPS1 TOUTPS0 TMR2ON T2CKPS1 T2CKPS0 bit 7 bit 0 bit 7 Unimplemented: Read as '0' bit 6-3 TOUTPS3:TOUTPS0: Timer2 Output Postscale Select bits 0000 = 1:1 Postscale 0001 = 1:2 Postscale • • • 1111 = 1:16 Postscale bit 2 TMR2ON: Timer2 On bit 1 = Timer2 is on 0 = Timer2 is off bit 1-0 T2CKPS1:T2CKPS0: Timer2 Clock Prescale Select bits 00 = Prescaler is 1 01 = Prescaler is 4 1x = Prescaler is 16 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ - n = Value at POR ’1’ = Bit is set ’0’ = Bit is cleared x = Bit is unknown Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on Power-on Reset Value on all other RESETS 0Bh, 8Bh, 10Bh, 18Bh INTCON GIE PEIE TMR0IE INTE RBIE TMR0IF INTF RBIF 0000 000x 0000 000u 0Ch PIR1 LCDIF ADIF — — SSPIF CCP1IF TMR2IF TMR1IF 00-- 0000 00-- 0000 8Ch PIE1 LCDIE ADIE — — SSPIE CCP1IE TMR2IE TMR1IE 00-- 0000 00-- 0000 11h TMR2 Timer2 Module’s Register 0000 0000 0000 0000 12h T2CON — TOUTPS3 TOUTPS2 TOUTPS1 TOUTPS0 TMR2ON T2CKPS1 T2CKPS0 -000 0000 -000 0000 92h PR2 Timer2 Period Register 1111 1111 1111 1111 Legend: x = unknown, u = unchanged, - = unimplemented, read as ’0’. Shaded cells are not used by the Timer2 module. |