| データシートサーチシステム |
|
UT6402G-AG6-R データシート(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UT6402G-AG6-R データシート(HTML) 1 Page - Unisonic Technologies |
|
1 / 5 page ![]() UNISONIC TECHNOLOGIES CO., LTD UT6402 Power MOSFET www.unisonic.com.tw 1 of 6 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R502-152.D N-CHANNEL ENHANCEMENT MODE DESCRIPTION The UT6402 is N-Channel enhancement mode Power MOSFET, designed with high density cell, with fast switching speed, low on-resistance, excellent thermal and electrical capabilities, operation with low gate voltages. This device is suitable for use as a load switch or in PWM applications. SYMBOL SOT-23 1 2 3 SOT-26 1 2 3 4 5 6 ORDERING INFORMATION Ordering Number Package Pin Assignment Packing 1 2 3 4 5 6 UT6402G-AE3-R SOT-23 S G D - - - Tape Reel UT6402G-AG6-R SOT-26 D D G S D D Tape Reel Note: Pin Assignment: S: Source G: Gate D: Drain MARKING SOT-23 SOT-26 64BG |
同様の部品番号 - UT6402G-AG6-R |
|
同様の説明 - UT6402G-AG6-R |