| データシートサーチシステム |
|
MCP6002ESN データシート(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6002ESN データシート(HTML) 2 Page - Microchip Technology |
|
2 / 24 page ![]() MCP6001/2/4 DS21733D-page 2 2003 Microchip Technology Inc. 1.0 ELECTRICAL CHARACTERISTICS Absolute Maximum Ratings † VDD - VSS .........................................................................7.0V All Inputs and Outputs ...................... VSS -0.3V to VDD +0.3V Difference Input Voltage ....................................... |VDD - VSS| Output Short Circuit Current ..................................continuous Current at Input Pins ....................................................±2 mA Current at Output and Supply Pins ............................±30 mA Storage Temperature ....................................-65°C to +150°C Maximum Junction Temperature (TJ) ..........................+150°C ESD Protection On All Pins (HBM;MM) ............... ≥ 4 kV; 200V † Notice: Stresses above those listed under “Maximum Rat- ings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Expo- sure to maximum rating conditions for extended periods may affect device reliability. PIN FUNCTION TABLE DC ELECTRICAL SPECIFICATIONS Name Function VIN+, VINA+, VINB+, VINC+, VIND+ Non-inverting Inputs VIN–, VINA–, VINB–, VINC–, VIND– Inverting Inputs VDD Positive Power Supply VSS Negative Power Supply VOUT, VOUTA, VOUTB, VOUTC, VOUTD Outputs Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +1.8V to +5.5V, VSS = GND, VCM = VDD/2, RL = 10 kΩ to VDD/2, and VOUT ~VDD/2. Parameters Sym Min Typ Max Units Conditions Input Offset Input Offset Voltage VOS -7.0 — +7.0 mV VCM = VSS Input Offset Drift with Temperature ∆VOS/∆TA —±2.0 — µV/°C TA= -40°C to +125°C, VCM = VSS Power Supply Rejection PSRR — 86 — dB VCM = VSS Input Bias Current and Impedance Input Bias Current: IB —±1.0 — pA Industrial Temperature IB —19 — pA TA = +85°C Extended Temperature IB —1100 — pA TA = +125°C Input Offset Current IOS —±1.0 — pA Common Mode Input Impedance ZCM —1013||6 — Ω||pF Differential Input Impedance ZDIFF —1013||3 — Ω||pF Common Mode Common Mode Input Range VCMR VSS − 0.3 — VDD + 0.3 V Common Mode Rejection Ratio CMRR 60 76 — dB VCM = -0.3V to 5.3V, VDD = 5V Open-Loop Gain DC Open-Loop Gain (large signal) AOL 88 112 — dB VOUT = 0.3V to VDD - 0.3V, VCM =VSS Output Maximum Output Voltage Swing VOL, VOH VSS + 25 — VDD − 25 mV VDD = 5.5V Output Short-Circuit Current ISC —±6 — mA VDD = 1.8V —±23 — mA VDD = 5.5V Power Supply Supply Voltage VDD 1.8 — 5.5 V Quiescent Current per Amplifier IQ 50 100 170 µA IO = 0, VDD = 5.5V, VCM = 5V |