データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC16C925-S/PT データシート(PDF) 70 Page - Microchip Technology

部品番号 PIC16C925-S/PT
部品情報  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925-S/PT データシート(HTML) 70 Page - Microchip Technology

Back Button PIC16C925-S/PT Datasheet HTML 66Page - Microchip Technology PIC16C925-S/PT Datasheet HTML 67Page - Microchip Technology PIC16C925-S/PT Datasheet HTML 68Page - Microchip Technology PIC16C925-S/PT Datasheet HTML 69Page - Microchip Technology PIC16C925-S/PT Datasheet HTML 70Page - Microchip Technology PIC16C925-S/PT Datasheet HTML 71Page - Microchip Technology PIC16C925-S/PT Datasheet HTML 72Page - Microchip Technology PIC16C925-S/PT Datasheet HTML 73Page - Microchip Technology PIC16C925-S/PT Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 182 page
background image
PIC16C925/926
DS39544A-page 68
Preliminary
 2001 Microchip Technology Inc.
9.2.4
MULTI-MASTER
The I2C protocol allows a system to have more than
one master. This is called multi-master. When two or
more masters try to transfer data at the same time,
arbitration and synchronization occur.
9.2.4.1
Arbitration
Arbitration takes place on the SDA line, while the SCL
line is high. The master, which transmits a high when
the other master transmits a low, loses arbitration
(Figure 9-14) and turns off its data output stage. A mas-
ter, which lost arbitration can generate clock pulses
until the end of the data byte where it lost arbitration.
When the master devices are addressing the same
device, arbitration continues into the data.
FIGURE 9-14:
MULTI-MASTER
ARBITRATION
(TWO MASTERS)
Masters that also incorporate the slave function and
have lost arbitration, must immediately switch over to
Slave-Receiver mode. This is because the winning
master-transmitter may be addressing it.
Arbitration is not allowed between:
• A Repeated START condition
• A STOP condition and a data bit
• A Repeated START condition and a STOP
condition
Care needs to be taken to ensure that these conditions
do not occur.
9.2.4.2
Clock Synchronization
Clock synchronization occurs after the devices have
started
arbitration.
This
is
performed
using
a
wired-AND connection to the SCL line. A high to low
transition on the SCL line causes the concerned
devices to start counting off their low period. Once a
device clock has gone low, it will hold the SCL line low
until its SCL high state is reached. The low to high tran-
sition of this clock may not change the state of the SCL
line, if another device clock is still within its low period.
The SCL line is held low by the device with the longest
low period. Devices with shorter low periods enter a
high wait state, until the SCL line comes high. When the
SCL line comes high, all devices start counting off their
high periods. The first device to complete its high
period will pull the SCL line low. The SCL line high time
is determined by the device with the shortest high
period, Figure 9-15.
FIGURE 9-15:
CLOCK
SYNCHRONIZATION
Transmitter 1 Loses Arbitration
DATA 1 SDA
DATA 1
DATA 2
SDA
SCL
CLK
1
CLK
2
SCL
Wait
State
Start Counting
HIGH Period
Counter
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More