データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC16C925-S/PT データシート(PDF) 109 Page - Microchip Technology

部品番号 PIC16C925-S/PT
部品情報  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925-S/PT データシート(HTML) 109 Page - Microchip Technology

Back Button PIC16C925-S/PT Datasheet HTML 105Page - Microchip Technology PIC16C925-S/PT Datasheet HTML 106Page - Microchip Technology PIC16C925-S/PT Datasheet HTML 107Page - Microchip Technology PIC16C925-S/PT Datasheet HTML 108Page - Microchip Technology PIC16C925-S/PT Datasheet HTML 109Page - Microchip Technology PIC16C925-S/PT Datasheet HTML 110Page - Microchip Technology PIC16C925-S/PT Datasheet HTML 111Page - Microchip Technology PIC16C925-S/PT Datasheet HTML 112Page - Microchip Technology PIC16C925-S/PT Datasheet HTML 113Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 182 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS39544A-page 107
PIC16C925/926
12.5
Interrupts
The PIC16C925/926 family has nine sources of
interrupt:
• External interrupt RB0/INT
• TMR0 overflow interrupt
• PORTB change interrupts
(pins RB7:RB4)
• A/D Interrupt
• TMR1 overflow interrupt
• TMR2 matches period interrupt
• CCP1 interrupt
• Synchronous serial port interrupt
• LCD module interrupt
The interrupt control register (INTCON) records individ-
ual interrupt requests in flag bits. It also has individual
and global interrupt enable bits.
A global interrupt enable bit, GIE (INTCON<7>),
enables (if set) all unmasked interrupts, or disables (if
cleared) all interrupts. When bit GIE is enabled, and an
interrupt’s flag bit and mask bit are set, the interrupt will
vector immediately. Individual interrupts can be dis-
abled through their corresponding enable bits in vari-
ous
registers.
Individual
interrupt
bits
are
set,
regardless of the status of the GIE bit. The GIE bit is
cleared on RESET.
The “return from interrupt” instruction, RETFIE, exits
the interrupt routine as well as sets the GIE bit, which
re-enables interrupts.
The RB0/INT pin interrupt, the RB port change interrupt
and the TMR0 overflow interrupt flags are contained in
the INTCON register.
The peripheral interrupt flags are contained in the spe-
cial function register, PIR1. The corresponding inter-
rupt enable bits are contained in special function
register, PIE1, and the peripheral interrupt enable bit is
contained in special function register, INTCON.
When an interrupt is responded to, the GIE bit is
cleared to disable any further interrupts, the return
address is pushed onto the stack and the PC is loaded
with 0004h. Once in the Interrupt Service Routine the
source(s) of the interrupt can be determined by polling
the interrupt flag bits. The interrupt flag bit(s) must be
cleared in software before re-enabling interrupts to
avoid recursive interrupts.
For external interrupt events, such as the RB0/INT pin
or RB Port change interrupt, the interrupt latency will be
three or four instruction cycles. The exact latency
depends
when
the
interrupt
event
occurs
(Figure 12-11). The latency is the same for one or two
cycle instructions. Individual interrupt flag bits are set,
regardless of the status of their corresponding mask
bit, PEIE bit, or the GIE bit.
FIGURE 12-10:
INTERRUPT LOGIC
Note:
Individual interrupt flag bits are set, regard-
less of the status of their corresponding
mask bit, or the GIE bit.
TMR1IF
TMR1IE
TMR2IF
TMR2IE
CCP1IF
CCP1IE
LCDIF
LCDIE
SSPIF
SSPIE
TMR0IF
TMR0IE
INTF
INTE
RBIF
RBIE
GIE
PEIE
Wake-up (If in SLEEP mode)
Interrupt to CPU
PEIF
ADIF
ADIE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More