データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC16CE623-20/SS データシート(PDF) 84 Page - Microchip Technology

部品番号 PIC16CE623-20/SS
部品情報  OTP 8-Bit CMOS MCU with EEPROM Data Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16CE623-20/SS データシート(HTML) 84 Page - Microchip Technology

Back Button PIC16CE623-20/SS Datasheet HTML 80Page - Microchip Technology PIC16CE623-20/SS Datasheet HTML 81Page - Microchip Technology PIC16CE623-20/SS Datasheet HTML 82Page - Microchip Technology PIC16CE623-20/SS Datasheet HTML 83Page - Microchip Technology PIC16CE623-20/SS Datasheet HTML 84Page - Microchip Technology PIC16CE623-20/SS Datasheet HTML 85Page - Microchip Technology PIC16CE623-20/SS Datasheet HTML 86Page - Microchip Technology PIC16CE623-20/SS Datasheet HTML 87Page - Microchip Technology PIC16CE623-20/SS Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 108 page
background image
PIC16CE62X
DS40182A-page 84
Preliminary
© 1998 Microchip Technology Inc.
13.2
DC CHARACTERISTICS:
PIC16CE62X-04 (Commercial, Industrial, Extended)
PIC16CE62X-20 (Commercial, Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
–40˚C
≤ TA ≤ +85˚C for industrial and
0˚C
≤ TA ≤ +70˚C for commercial and
–40˚C
≤ TA ≤ +125˚C for extended
Operating voltage VDD range as described in DC spec Table 13-1 and Table 13-2
Parm
No.
Sym
Characteristic
Min
Typ†
Max
Unit
Conditions
VIL Input Low Voltage
I/O ports
D030
D030A
with TTL buffer
VSS
-
0.8V
0.15VDD
V VDD = 4.5V to 5.5V
otherwise(4)
D031
with Schmitt Trigger input
VSS
0.2VDD
V For entire VDD range
D032
MCLR, RA4/T0CKI,OSC1 (in
RC mode)
Vss
-
0.2VDD
V Note1
D033
OSC1 (in XT and HS)
OSC1 (in LP)
Vss
-
0.3VDD
0.6VDD -
1.0
V
VIH
Input High Voltage
I/O ports
-
D040
D040A
with TTL buffer
2.0V
0.25VDD +
0.8V
-
VDD
VDD
V VDD = 4.5V to 5.5V
otherwise (4)
D041
with Schmitt Trigger input
0.8VDD
VDD
For entire VDD range
D042
MCLR RA4/T0CKI
0.8VDD
-
VDD
V
D042A
D043
OSC1 (XT, HS and LP)
OSC1 (in RC mode)
0.7VDD
0.9VDD
-
VDD
V
Note1
D070
IPURB
PORTB weak pull-up current
50
200
400
µA VDD = 5.0V, VPIN = VSS
D060
IIL
Input Leakage Current
(Notes 2, 3)
I/O ports (Except PORTA)
±1.0
µA VSS ≤ VPIN ≤ VDD, pin at hi-impedance
D060A
PORTA
-
-
±0.5
µA Vss ≤ VPIN ≤ VDD, pin at hi-impedance
D060B
RA4/T0CKI
-
-
±1.0
µA Vss ≤ VPIN ≤ VDD
D061
OSC1, MCLR
-
-
±5.0
µA Vss ≤ VPIN ≤ VDD, XT, HS and LP osc
configuration
VOL
Output Low Voltage
D080
I/O ports
-
-
0.6
V IOL=8.5 mA, VDD=4.5V, -40
° to +85°C
D080A
-
-
0.6
V IOL=7.0 mA, VDD=4.5V, +125
°C
D083
OSC2/CLKOUT (RC only)
-
-
0.6
V IOL=1.6 mA, VDD=4.5V, -40
° to +85°C
-
-
0.6
V IOL=1.2 mA, VDD=4.5V, +125
°C
VOH
Output High Voltage (Note 3)
D090
I/O ports (Except RA4)
VDD-0.7
-
-
V IOH=-3.0 mA, VDD=4.5V, -40
° to +85°C
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guid-
ance only and are not tested.
Note 1: In RC oscillator configuration, the OSC1 pin is a Schmitt Trigger input. It is not recommended that the
PIC16CE62X be driven with external clock in RC mode.
2: The leakage current on the MCLR pin is strongly dependent on applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different
input voltages.
3: Negative current is defined as coming out of the pin.
4: The better of the two specifications may be used. For VIL, this would be the higher voltage and for
VIH, this would be the lower voltage.
62X.bk Page 84 Tuesday, March 10, 1998 3:40 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More