| データシートサーチシステム |
|
PIC16F872/SP データシート(PDF) 32 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F872/SP データシート(HTML) 32 Page - Microchip Technology |
|
32 / 160 page ![]() PIC16F872 DS30221A-page 32 Preliminary © 1999 Microchip Technology Inc. 4.5 Reading the FLASH Program Memory A program memory location may be read by writing two bytes of the address to the EEADR and EEADRH reg- isters, setting the EEPGD control bit (EECON1<7>) and then setting control bit RD (EECON1<0>). Once the read control bit is set, the microcontroller will use the next two instruction cycles to read the data. The data is available in the EEDATA and EEDATH registers after the second NOP instruction. Therefore, it can be read as two bytes in the following instructions. The EEDATA and EEDATH registers will hold this value until another read operation or until it is written to by the user (during a write operation). EXAMPLE 4-3: FLASH PROGRAM READ BSF STATUS, RP1 ; BCF STATUS, RP0 ; Bank 2 MOVLW ADDRH ; MOVWF EEADRH ; MSByte of Program Address to read MOVLW ADDRL ; MOVWF EEADR ; LSByte of Program Address to read BSF STATUS, RP0 ; Bank 3 BSF EECON1, EEPGD ; Point to PROGRAM memory Required BSF EECON1, RD ; EEPROM Read Sequence NOP ; memory is read in the next two cycles after BSF EECON1,RD NOP ; BCF STATUS, RP0 ; Bank 2 MOVF EEDATA, W ; W = LSByte of Program EEDATA MOVF EEDATH, W ; W = MSByte of Program EEDATA |