データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC17C752-08/P データシート(PDF) 7 Page - Microchip Technology

部品番号 PIC17C752-08/P
部品情報  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/P データシート(HTML) 7 Page - Microchip Technology

Back Button PIC17C752-08/P Datasheet HTML 3Page - Microchip Technology PIC17C752-08/P Datasheet HTML 4Page - Microchip Technology PIC17C752-08/P Datasheet HTML 5Page - Microchip Technology PIC17C752-08/P Datasheet HTML 6Page - Microchip Technology PIC17C752-08/P Datasheet HTML 7Page - Microchip Technology PIC17C752-08/P Datasheet HTML 8Page - Microchip Technology PIC17C752-08/P Datasheet HTML 9Page - Microchip Technology PIC17C752-08/P Datasheet HTML 10Page - Microchip Technology PIC17C752-08/P Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 320 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS30264A-page 7
PIC17C75X
2.0 DEVICE VARIETIES
Each device has a variety of frequency ranges and
packaging options. Depending on application and pro-
duction requirements, the proper device option can be
selected using the information in the PIC17C75X Prod-
uct Selection System section at the end of this data
sheet.
When
placing
orders,
please
use
the
“PIC17C75X Product Identification System” at the back
of this data sheet to specify the correct part number.
When discussing the functionality of the device, mem-
ory technology and voltage range does not matter.
There are three memory type options. These are spec-
ified in the middle characters of the part number.
1.
C, as in PIC17C756. These devices have
EPROM type memory.
2.
CR, as in PIC17CR756. These devices have
ROM type memory.
3.
F, as in PIC17F756. These devices have Flash
type memory.
All these devices operate over the standard voltage
range. Devices are also offered which operate over an
extended voltage range (and reduced frequency
range). Table 2-1 shows all possible memory types and
voltage range designators for a particular device.
These designators are in
bold typeface.
TABLE 2-1: DEVICE MEMORY
VARIETIES
Memory Type
Voltage Range
Standard
Extended
EPROM
PIC17
CXXX
PIC17
LCXXX
ROM
PIC17
CRXXX PIC17LCRXXX
Flash
PIC17
FXXX
PIC17
LFXXX
Note: Not all memory technologies are available
for a particular device.
2.1
UV Erasable Devices
The UV erasable version, offered in CERQUAD pack-
age, is optimal for prototype development and pilot pro-
grams.
The UV erasable version can be erased and repro-
grammed
to
any
of
the
configuration
modes.
Microchip's programming of the PIC17C75X. Third
party programmers also are available; refer to the
Third
Party Guide for a list of sources.
2.2
One-Time-Programmable (OTP)
Devices
The availability of OTP devices is especially useful for
customers expecting frequent code changes and
updates.
The OTP devices, packaged in plastic packages, per-
mit the user to program them once. In addition to the
program memory, the configuration bits must be pro-
grammed.
2.3
Quick-Turnaround-Production (QTP)
Devices
Microchip offers a QTP Programming Service for fac-
tory production orders. This service is made available
for users who choose not to program a medium to high
quantity of units and whose code patterns have stabi-
lized. The devices are identical to the OTP devices but
with all EPROM locations and configuration options
already programmed by the factory. Certain code and
prototype verification procedures apply before produc-
tion shipments are available. Please contact your local
Microchip Technology sales office for more details.
2.4
Serialized Quick-Turnaround
Production (SQTPSM) Devices
Microchip offers a unique programming service where
a few user-defined locations in each device are pro-
grammed with different serial numbers. The serial num-
bers may be random, pseudo-random or sequential.
Serial programming allows each device to have a
unique number which can serve as an entry-code,
password or ID number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More