| データシートサーチシステム |
|
PIC16F870/SS データシート(PDF) 80 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F870/SS データシート(HTML) 80 Page - Microchip Technology |
|
80 / 156 page ![]() PIC16F870/871 DS30569A-page 80 Preliminary © 1999 Microchip Technology Inc. REGISTER 10-2: ADCON1 REGISTER (ADDRESS 9Fh) U-0 U-0 R/W-0 U-0 R/W-0 R/W-0 R/W-0 R/W-0 ADFM — — — PCFG3 PCFG2 PCFG1 PCFG0 R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ - n = Value at POR reset bit7 bit0 bit 7: ADFM: A/D Result format select 1 = Right Justified. 6 most significant bits of ADRESH are read as ‘0’. 0 = Left Justified. 6 least significant bits of ADRESL are read as ‘0’. bit 6-4: Unimplemented: Read as ’0’ bit 3-0: PCFG3:PCFG0: A/D Port Configuration Control bits A = Analog input D = Digital I/O Note 1: These channels are not available on the PIC16F870. 2: This column indicates the number of analog channels available as A/D inputs and the numer of analog channels used as voltage reference inputs. PCFG3: PCFG0 AN7(1) RE2 AN6(1) RE1 AN5(1) RE0 AN4 RA5 AN3 RA3 AN2 RA2 AN1 RA1 AN0 RA0 VREF+VREF- CHAN / Refs(2) 0000 AAAA A AAA VDD VSS 8/0 0001 AAAA VREF+ AAA RA3 VSS 7/1 0010 DDD A A A A A VDD VSS 5/0 0011 DDD A VREF+ AAA RA3 VSS 4/1 0100 DDDD A D A A VDD VSS 3/0 0101 DDDD VREF+D A A RA3 VSS 2/1 011x DDDD D DDD VDD VSS 0/0 1000 AAAA VREF+VREF-A A RA3 RA2 6/2 1001 D D AA A AAA VDD VSS 6/0 1010 DD A A VREF+ AAA RA3 VSS 5/1 1011 DD A A VREF+VREF-A A RA3 RA2 4/2 1100 DDD A VREF+VREF-A A RA3 RA2 3/2 1101 DDDD VREF+VREF-A A RA3 RA2 2/2 1110 DDDD D D D A VDD VSS 1/0 1111 DDDD VREF+VREF-D A RA3 RA2 1/2 |