| データシートサーチシステム |
|
PIC16F870/SS データシート(PDF) 107 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F870/SS データシート(HTML) 107 Page - Microchip Technology |
|
107 / 156 page ![]() © 1999 Microchip Technology Inc. Preliminary DS30569A-page 107 PIC16F870/871 12.1 Instruction Descriptions ADDLW Add Literal and W Syntax: [ label] ADDLW k Operands: 0 ≤ k ≤ 255 Operation: (W) + k → (W) Status Affected: C, DC, Z Description: The contents of the W register are added to the eight bit literal ’k’ and the result is placed in the W register. ADDWF Add W and f Syntax: [ label] ADDWF f,d Operands: 0 ≤ f ≤ 127 d ∈ [0,1] Operation: (W) + (f) → (destination) Status Affected: C, DC, Z Description: Add the contents of the W register with register ’f’. If ’d’ is 0, the result is stored in the W register. If ’d’ is 1, the result is stored back in reg- ister ’f’. ANDLW AND Literal with W Syntax: [ label] ANDLW k Operands: 0 ≤ k ≤ 255 Operation: (W) .AND. (k) → (W) Status Affected: Z Description: The contents of W register are AND’ed with the eight bit literal 'k'. The result is placed in the W register. ANDWF AND W with f Syntax: [ label] ANDWF f,d Operands: 0 ≤ f ≤ 127 d ∈ [0,1] Operation: (W) .AND. (f) → (destination) Status Affected: Z Description: AND the W register with register 'f'. If 'd' is 0, the result is stored in the W register. If 'd' is 1, the result is stored back in register 'f'. BCF Bit Clear f Syntax: [ label] BCF f,b Operands: 0 ≤ f ≤ 127 0 ≤ b ≤ 7 Operation: 0 → (f<b>) Status Affected: None Description: Bit 'b' in register 'f' is cleared. BSF Bit Set f Syntax: [ label] BSF f,b Operands: 0 ≤ f ≤ 127 0 ≤ b ≤ 7 Operation: 1 → (f<b>) Status Affected: None Description: Bit 'b' in register 'f' is set. |