| データシートサーチシステム |
|
PIC18LC242 データシート(PDF) 59 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18LC242 データシート(HTML) 59 Page - Microchip Technology |
|
59 / 296 page ![]() PIC18CXX2 © 7/99 Microchip Technology Inc. Preliminary DS39026B-page 59 5.2.4 UNEXPECTED TERMINATION OF WRITE OPERATIONS If a write is terminated by an unplanned event such as loss of power, an unexpected reset, or an interrupt that was not disabled, the memory location just pro- grammed should be verified and reprogrammed if needed. |