データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SCS152-IS データシート(PDF) 6 Page - Microchip Technology

部品番号 SCS152-IS
部品情報  KEELOQ Token Card Chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SCS152-IS データシート(HTML) 6 Page - Microchip Technology

Back Button SCS152-IS Datasheet HTML 2Page - Microchip Technology SCS152-IS Datasheet HTML 3Page - Microchip Technology SCS152-IS Datasheet HTML 4Page - Microchip Technology SCS152-IS Datasheet HTML 5Page - Microchip Technology SCS152-IS Datasheet HTML 6Page - Microchip Technology SCS152-IS Datasheet HTML 7Page - Microchip Technology SCS152-IS Datasheet HTML 8Page - Microchip Technology SCS152-IS Datasheet HTML 9Page - Microchip Technology SCS152-IS Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SCS152
DS40150B-page 6
Preliminary
© 1997 Microchip Technology Inc.
3.2
RESET
The RESET command sets the internal state of the
device as follows:
1.
The internal address counter is set to ‘0’.
2.
The internal test modes are cleared.
3.
The result of the last compared transport code is
cleared.
Figure 3-1 shows the RESET command following the
application of power.
FIGURE 3-1:
POWER ON AND RESET
VDD
SCI
SCK
SDIO
IOMAP(0)
TPOR
TR
TOX
TOX
TD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16