データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP6004EST データシート(PDF) 10 Page - Microchip Technology

部品番号 MCP6004EST
部品情報  1 MHz Bandwidth Low Power Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6004EST データシート(HTML) 10 Page - Microchip Technology

Back Button MCP6004EST Datasheet HTML 6Page - Microchip Technology MCP6004EST Datasheet HTML 7Page - Microchip Technology MCP6004EST Datasheet HTML 8Page - Microchip Technology MCP6004EST Datasheet HTML 9Page - Microchip Technology MCP6004EST Datasheet HTML 10Page - Microchip Technology MCP6004EST Datasheet HTML 11Page - Microchip Technology MCP6004EST Datasheet HTML 12Page - Microchip Technology MCP6004EST Datasheet HTML 13Page - Microchip Technology MCP6004EST Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
MCP6001/2/4
DS21733D-page 10
 2003 Microchip Technology Inc.
4.0
DESIGN TOOLS
Microchip provides the basic design tools needed for
the MCP6001/2/4 family of op amps.
4.1
SPICE Macro Model
The latest Spice macro model for the MCP6001/2/4
operational amplifiers (op amps) is available on our
website at www.microchip.com. This model is intended
as an initial design tool that works well in the op amp’s
linear region of operation at room temperature. See the
model file for information on its capabilities.
Bench testing is a very important part of any design and
cannot be replaced with simulations. Also, simulation
results using this macro model need to be validated by
comparing them to the data sheet specifications and
characteristic curves.
4.2
FilterLab® Software
FilterLab is an innovative software tool that simplifies
analog active filter (using op amps) design. Available at
no cost from our website at www.microchip.com, the
FilterLab software active filter software design tool pro-
vides full schematic diagrams of the filter circuit with
component values. It also outputs the filter circuit in
SPICE format, which can be used with the macro
model to simulate actual filter performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24