| データシートサーチシステム |
|
PIC16C54T-LPE/SS データシート(PDF) 40 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16C54T-LPE/SS データシート(HTML) 40 Page - Microchip Technology |
|
40 / 217 page ![]() PIC16C5X DS30453B-page 40 Preliminary © 1998 Microchip Technology Inc. FIGURE 7-13: WATCHDOG TIMER BLOCK DIAGRAM TABLE 7-5: SUMMARY OF REGISTERS ASSOCIATED WITH THE WATCHDOG TIMER Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on Power-On Reset Value on MCLR and WDT Reset N/A OPTION — — T0CS T0SE PSA PS2 PS1 PS0 --11 1111 --11 1111 Legend: Shaded boxes = Not used by Watchdog Timer, – = unimplemented, read as '0', u = unchanged 1 0 1 0 From TMR0 Clock Source To TMR0 Postscaler WDT Enable EPROM Bit PSA WDT Time-out PS2:PS0 PSA MUX 8 - to - 1 MUX Postscaler M U X Watchdog Timer Note: T0CS, T0SE, PSA, PS2:PS0 are bits in the OPTION register. |