| データシートサーチシステム |
|
TC1034 データシート(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC1034 データシート(HTML) 4 Page - Microchip Technology |
|
4 / 16 page ![]() TC1034/TC1035 DS21343B-page 4 © 2002 Microchip Technology Inc. 2.0 PIN DESCRIPTIONS The description of the pins are listed in Table 2-1. TABLE 2-1: PIN FUNCTION TABLE Pin No. TC1034 (5-Pin SOT-23A) Symbol Description 1 OUT Operational amplifier output. 2VDD Positive power supply. 3 IN+ Operational amplifier non-inverting input. 4 IN- Operational amplifier inverting input. 5VSS Negative power supply. Pin No. TC1035 (6-Pin SOT-23A) Symbol Description 1 OUT Operational amplifier output. 2VDD Positive power supply. 3 IN+ Operational amplifier non-inverting input. 4 IN- Operational amplifier inverting input. 5 SHDN Active Low Shutdown Input (TC1035 only). A low input on this pin disables the operational amplifier and places the output terminal in a high-impedance state. 6VSS Negative power supply. |