データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LP2957A データシート(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
部品番号 LP2957A
部品情報  5V Low-Dropout Regulator for 關P Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LP2957A データシート(HTML) 21 Page - Texas Instruments

Back Button LP2957A Datasheet HTML 16Page - Texas Instruments LP2957A Datasheet HTML 17Page - Texas Instruments LP2957A Datasheet HTML 18Page - Texas Instruments LP2957A Datasheet HTML 19Page - Texas Instruments LP2957A Datasheet HTML 20Page - Texas Instruments LP2957A Datasheet HTML 21Page - Texas Instruments LP2957A Datasheet HTML 22Page - Texas Instruments LP2957A Datasheet HTML 23Page - Texas Instruments LP2957A Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LP2957AISX/NOPB
DDPAK/TO-263
KTT
5
500
367.0
367.0
45.0
LP2957ISX/NOPB
DDPAK/TO-263
KTT
5
500
367.0
367.0
45.0
PACKAGE MATERIALS INFORMATION
www.ti.com
23-Sep-2013
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24