データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LP3871 データシート(PDF) 10 Page - Texas Instruments

部品番号 LP3871
部品情報  LP387x 0.8-A Fast Ultra-Low-Dropout Linear Regulators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LP3871 データシート(HTML) 10 Page - Texas Instruments

Back Button LP3871_15 Datasheet HTML 6Page - Texas Instruments LP3871_15 Datasheet HTML 7Page - Texas Instruments LP3871_15 Datasheet HTML 8Page - Texas Instruments LP3871_15 Datasheet HTML 9Page - Texas Instruments LP3871_15 Datasheet HTML 10Page - Texas Instruments LP3871_15 Datasheet HTML 11Page - Texas Instruments LP3871_15 Datasheet HTML 12Page - Texas Instruments LP3871_15 Datasheet HTML 13Page - Texas Instruments LP3871_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LP3871, LP3874
SNVS225H – FEBRUARY 2003 – REVISED JUNE 2015
www.ti.com
Device Functional Modes (continued)
7.4.3 ERROR Flag Operation
The LP3871 produces logic low signals at the ERROR Flag pin when the output drops out of regulation due to
low input voltage, current limiting, or thermal limiting. This flag has a built-in hysteresis. The timing diagram in
Figure 10 shows the relationship between the ERROR flag and the output voltage. In this example, the input
voltage is changed to demonstrate the functionality of the ERROR Flag.
The internal ERROR flag comparator has an open drain output stage. Hence, the ERROR pin must be pulled
high through a pullup resistor. Although the ERROR flag pin can sink current of 1mA, this current is energy drain
from the input supply. Hence, the value of the pullup resistor must be in the range of 10 k
Ω to 1 MΩ. The
ERROR pin must be connected to ground if this function is not used. It must also be noted that when the
shutdown pin is pulled low, the ERROR pin is forced to be invalid for reasons of saving power in shutdown
mode.
Figure 10. ERROR Flag Operation
10
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: LP3871 LP3874



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com