データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC16C925T-S/CL データシート(PDF) 10 Page - Microchip Technology

部品番号 PIC16C925T-S/CL
部品情報  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/CL データシート(HTML) 10 Page - Microchip Technology

Back Button PIC16C925T-S/CL Datasheet HTML 6Page - Microchip Technology PIC16C925T-S/CL Datasheet HTML 7Page - Microchip Technology PIC16C925T-S/CL Datasheet HTML 8Page - Microchip Technology PIC16C925T-S/CL Datasheet HTML 9Page - Microchip Technology PIC16C925T-S/CL Datasheet HTML 10Page - Microchip Technology PIC16C925T-S/CL Datasheet HTML 11Page - Microchip Technology PIC16C925T-S/CL Datasheet HTML 12Page - Microchip Technology PIC16C925T-S/CL Datasheet HTML 13Page - Microchip Technology PIC16C925T-S/CL Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 182 page
background image
PIC16C925/926
DS39544A-page 8
Preliminary
 2001 Microchip Technology Inc.
PORTD is a digital input/output port. These pins are also used
as LCD Segment and/or Common Drivers.
RD0/SEG00
31
21
I/O/L
ST
Segment Driver 00/Digital input/output.
RD1/SEG01
32
22
I/O/L
ST
Segment Driver 01/Digital input/output.
RD2/SEG02
33
23
I/O/L
ST
Segment Driver 02/Digital input/output.
RD3/SEG03
34
24
I/O/L
ST
Segment Driver 03/Digital input/output.
RD4/SEG04
35
25
I/O/L
ST
Segment Driver04/Digital input/output.
RD5/SEG29/COM3
60
48
I/L
ST
Segment Driver29/Common Driver 3/Digital input.
RD6/SEG30/COM2
61
49
I/L
ST
Segment Driver30/Common Driver 2/Digital input.
RD7/SEG31/COM1
62
50
I/L
ST
Segment Driver31/Common Driver 1/Digital input.
PORTE is a Digital input or LCD Segment Driver port.
RE0/SEG05
37
26
I/L
ST
Segment Driver 05.
RE1/SEG06
38
27
I/L
ST
Segment Driver 06.
RE2/SEG07
39
28
I/L
ST
Segment Driver 07.
RE3/SEG08
40
29
I/L
ST
Segment Driver 08.
RE4/SEG09
41
30
I/L
ST
Segment Driver 09.
RE5/SEG10
42
31
I/L
ST
Segment Driver 10.
RE6/SEG11
43
32
I/L
ST
Segment Driver 11.
RE7/SEG27
36
-
I/L
ST
Segment Driver 27 (not available on 64-pin devices).
PORTF is a Digital input or LCD Segment Driver port.
RF0/SEG12
44
33
I/L
ST
Segment Driver 12.
RF1/SEG13
45
34
I/L
ST
Segment Driver 13.
RF2/SEG14
46
35
I/L
ST
Segment Driver 14.
RF3/SEG15
47
36
I/L
ST
Segment Driver 15.
RF4/SEG16
48
37
I/L
ST
Segment Driver 16.
RF5/SEG17
49
38
I/L
ST
Segment Driver 17.
RF6/SEG18
50
39
I/L
ST
Segment Driver 18.
RF7/SEG19
51
40
I/L
ST
Segment Driver 19.
PORTG is a Digital input or LCD Segment Driver port.
RG0/SEG20
53
41
I/L
ST
Segment Driver 20.
RG1/SEG21
54
42
I/L
ST
Segment Driver 21.
RG2/SEG22
55
43
I/L
ST
Segment Driver 22.
RG3/SEG23
56
44
I/L
ST
Segment Driver 23.
RG4/SEG24
57
45
I/L
ST
Segment Driver 24.
RG5/SEG25
58
46
I/L
ST
Segment Driver 25.
RG6/SEG26
59
47
I/L
ST
Segment Driver 26.
RG7/SEG28
52
—
I/L
ST
Segment Driver 28 (not available on 64-pin devices).
VLCDADJ
30
20
P
—
LCD Voltage Generation.
AVDD
21
—
P
—
Analog Power (PLCC and CLCC packages only).
VLCD129
19
P
—
LCD Voltage.
VLCD219
10
P
—
LCD Voltage.
VLCD320
11
P
—
LCD Voltage.
VDD
22, 64
12, 52
P
—
Digital power.
VSS
7, 23
13, 62
P
—
Ground reference.
NC
1
——
—
These pins are not internally connected. These pins should be
left unconnected.
TABLE 1-2:
PIC16C925/926 PINOUT DESCRIPTION (CONTINUED)
Pin Name
PLCC,
CLCC
Pin#
TQFP
Pin#
Pin
Type
Buffer
Type
Description
Legend: I = input
O = output
P = power
L = LCD Driver
— = Not used
TTL = TTL input
ST = Schmitt Trigger input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More