データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LP3966ES-2.5/NOPB データシート(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
部品番号 LP3966ES-2.5/NOPB
部品情報  3A Fast Ultra Low Dropout Linear Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LP3966ES-2.5/NOPB データシート(HTML) 21 Page - Texas Instruments

Back Button LP3966ES-2.5/NOPB Datasheet HTML 17Page - Texas Instruments LP3966ES-2.5/NOPB Datasheet HTML 18Page - Texas Instruments LP3966ES-2.5/NOPB Datasheet HTML 19Page - Texas Instruments LP3966ES-2.5/NOPB Datasheet HTML 20Page - Texas Instruments LP3966ES-2.5/NOPB Datasheet HTML 21Page - Texas Instruments LP3966ES-2.5/NOPB Datasheet HTML 22Page - Texas Instruments LP3966ES-2.5/NOPB Datasheet HTML 23Page - Texas Instruments LP3966ES-2.5/NOPB Datasheet HTML 24Page - Texas Instruments LP3966ES-2.5/NOPB Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LP3963ESX-2.5/NOPB
DDPAK/
TO-263
KTT
5
500
330.0
24.4
10.75
14.85
5.0
16.0
24.0
Q2
LP3963ESX-3.3
DDPAK/
TO-263
KTT
5
500
330.0
24.4
10.75
14.85
5.0
16.0
24.0
Q2
LP3963ESX-3.3/NOPB
DDPAK/
TO-263
KTT
5
500
330.0
24.4
10.75
14.85
5.0
16.0
24.0
Q2
LP3966ESX-1.8
DDPAK/
TO-263
KTT
5
500
330.0
24.4
10.75
14.85
5.0
16.0
24.0
Q2
LP3966ESX-1.8/NOPB
DDPAK/
TO-263
KTT
5
500
330.0
24.4
10.75
14.85
5.0
16.0
24.0
Q2
LP3966ESX-2.5
DDPAK/
TO-263
KTT
5
500
330.0
24.4
10.75
14.85
5.0
16.0
24.0
Q2
LP3966ESX-2.5/NOPB
DDPAK/
TO-263
KTT
5
500
330.0
24.4
10.75
14.85
5.0
16.0
24.0
Q2
LP3966ESX-3.3/NOPB
DDPAK/
TO-263
KTT
5
500
330.0
24.4
10.75
14.85
5.0
16.0
24.0
Q2
LP3966ESX-ADJ
DDPAK/
TO-263
KTT
5
500
330.0
24.4
10.75
14.85
5.0
16.0
24.0
Q2
LP3966ESX-ADJ/NOPB
DDPAK/
TO-263
KTT
5
500
330.0
24.4
10.75
14.85
5.0
16.0
24.0
Q2
PACKAGE MATERIALS INFORMATION
www.ti.com
5-Dec-2014
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25