| データシートサーチシステム |
|
TC110501ECT データシート(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC110501ECT データシート(HTML) 10 Page - Microchip Technology |
|
10 / 16 page ![]() TC110 DS21355B-page 10 © 2002 Microchip Technology Inc. 5.0 TYPICAL CHARACTERISTICS (Unless Otherwise Specified, All Parts Are Measured At Temperature = 25°C) Note: The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range. OUTPUT CURRENT IOUT (mA) 3.0 0.1 1 10 100 1000 3.1 3.2 3.3 3.4 3.5 L = 22 µH, CL = 94µF (Tantalum) VIN = 0.9V 1.2V 1.8V 1.5V 2.0V 2.7V Output Voltage vs. Output Current TC110 (300kHz, 3.3V) OUTPUT CURRENT IOUT (mA) L = 22 µH, CL = 94µF (Tantalum) Efficiency vs. Output Current TC110 (300kHz, 3.3V) 0 0.1 1 10 100 1000 20 40 60 80 100 VIN = 0.9V 1.2V 1.8V 1.5V 2.0V 2.7V |