| データシートサーチシステム |
|
RF64 データシート(PDF) 48 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
RF64 データシート(HTML) 48 Page - List of Unclassifed Manufacturers |
|
48 / 76 page ![]() ADVANCED COMMUNICATIONS & SENSING Page 48 of 76 RF64 Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com Write packet bytes into FIFO. Tx starts when the first byte is written (Tx_start_irq_0=1). We assume the FIFO is being filled via SPI Data faster than being unfilled by SR (else use Tx_start_irq_0=0 ie Fifo_threshold to delay Tx start) Wait for Tx_done interrupt (+1 bit period) Go to Sleep mode Rx Mode: Program Rx/Stby interrupts: IRQ_0 mapped to /Fifoempty (Rx_stby_irq_0=10) and IRQ_1 mapped to Fifo_threshold (Rx_stby_irq_1=01). Configure Fifo_thresh to an appropriate value (ex: to detect packet end if its length is known) Go to Rx mode (note that Rx is not ready immediately, Cf section 7.3.1). Wait for Fifo_threshold interrupt (i.e. Sync word has been detected and FIFO filled up to the defined threshold). If it is packet end, go to Stby (SR‟s content is lost). Read packet bytes from FIFO until /Fifoempty goes low (or correct number of bytes is read). Go to Sleep mode. |