データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RF65 データシート(PDF) 70 Page - List of Unclassifed Manufacturers

部品番号 RF65
部品情報  Low Power Integrated UHF Receiver With -120dBm High Sensitivity
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

RF65 データシート(HTML) 70 Page - List of Unclassifed Manufacturers

Back Button RF65 Datasheet HTML 64Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 65Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 66Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 67Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 68Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 69Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 70Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 71Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 72Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 70 / 72 page
background image
Page 70
RF65
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
9. Chip Revisions
Three distinct chip populations exist and can be identified as follows:
Table 27 Chip Identification
Chip
Version
Register Value
@ address 0x10
Lot Codes
(see Figure 3)
Comment
V2a
0x21
W0K976.00
Limited supply
V2b
0x22
W6A114.0A ¦W0N382.00
W0N386.00 ¦W0P051.00
Limited supply
V2c
0x23
W0S934.01 and all others
Running production
This document describes the behavior and characteristics of the RF65 V2c. Minor differences can be observed between
the three versions, and they are listed in the following sub sections.
9.1. RC Oscillator Calibration
On the RF65 V2a, RC calibration at power-up needs to be performed according to the following routine:
/////// RC CALIBRATION (Once at POR) ///////
SetRFMode(RF_STANDBY);
WriteRegister(0x57, 0x80);
WriteRegister(REG_OSC1, ReadRegister(REG_OSC1) | 0x80);
while (ReadRegister(REG_OSC1) & 0x40 == 0x00);
WriteRegister(REG_OSC1, ReadRegister(REG_OSC1) | 0x80);
while (ReadRegister(REG_OSC1) & 0x40 == 0x00);
WriteRegister(0x57, 0x00);
////////////////////////////////////////////
This is not required in the version V2b any more, where the calibration is fully automatic.
9.2. Listen Mode
9.2.1. Resolutions
On the RF65 V2a, the Listen mode resolutions were identical for the Idle phase and the Rx phase. They are now
independently configurable, adding flexibility in the setup of the Listen mode.
Figure 38.
Listen Mode Resolutions, V2a
Figure 39. Listen Mode Resolution, V2b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72