| データシートサーチシステム |
|
16F628 データシート(PDF) 40 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
16F628 データシート(HTML) 40 Page - Microchip Technology |
|
40 / 168 page ![]() PIC16F627A/628A/648A DS40044A-page 38 Preliminary 2002 Microchip Technology Inc. FIGURE 5-10: BLOCK DIAGRAM OF RB2/TX/CK PIN FIGURE 5-11: BLOCK DIAGRAM OF RB3/CCP1 PIN Data Latch TRIS Latch RD TRISB Q D Q CK Q D Q CK 1 0 WR PORTB WR TRISB Schmitt Trigger Peripheral OE(1) Data Bus SPEN USART TX/CK Output USART Slave Clock In RBPU V DD P EN QD V DD V SS Note 1: Peripheral OE (output enable) is only active if peripheral select is active. RD PORTB TTL Input Buffer RB2/ TX/CK Weak Pull-up Data Latch TRIS Latch RD TRISB Q D Q CK Q D Q CK 0 1 WR PORTB WR TRISB Schmitt Trigger Peripheral OE(2) Data Bus CCP1CON CCP output CCP In RBPU V DD P EN QD V DD V SS Note 1: Peripheral OE (output enable) is only active if peripheral select is active. RD PORTB TTL Input Buffer RB3/ CCP1 Weak Pull-up |