| データシートサーチシステム |
|
TC32MCDB データシート(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC32MCDB データシート(HTML) 7 Page - Microchip Technology |
|
7 / 12 page ![]() © 2002 Microchip Technology Inc. DS21402B-page 7 TC32M 4.0 PACKAGING INFORMATION 4.1 Package Marking Information Package marking data not available at this time. 4.2 Taping Form Component Taping Orientation for 3-Pin SOT-223 Devices Package Carrier Width (W) Pitch (P) Part Per Full Reel Reel Size 3-Pin SOT-223 12 mm 8 mm 4000 13 in Carrier Tape, Number of Components Per Reel and Reel Size User Direction of Feed Device Marking PIN 1 Standard Reel Component Orientation for TR Suffix Device (Mark Right Side Up) W P Mark Face Component Taping Orientation for 3-Pin TO-92 User Direction of Feed P Seal Tape Back Tape MARK FACE MARK FACE MARK FACE |