| データシートサーチシステム |
|
PIC16LC712-04/SS データシート(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16LC712-04/SS データシート(HTML) 12 Page - Microchip Technology |
|
12 / 108 page ![]() PIC16C712/716 DS41106A-page 12 Preliminary © 1999 Microchip Technology Inc. Bank 1 80h INDF(1) Addressing this location uses contents of FSR to address data memory (not a physical register) 0000 0000 0000 0000 81h OPTION_ REG RBPU INTEDG T0CS T0SE PSA PS2 PS1 PS0 1111 1111 1111 1111 82h PCL(1) Program Counter’s (PC) Least Significant Byte 0000 0000 0000 0000 83h STATUS(1) IRP(4) RP1(4) RP0 TO PD ZDC C rr01 1xxx rr0q quuu 84h FSR(1) Indirect data memory address pointer xxxx xxxx uuuu uuuu 85h TRISA — ——(7) PORTA Data Direction Register --x1 1111 --x1 1111 86h TRISB PORTB Data Direction Register 1111 1111 1111 1111 87h TRISCCP —(7) —(7) —(7) —(7) —(7) TCCP —(7) TT1CK xxxx x1x1 xxxx x1x1 88h-89h — Unimplemented — — 8Ah PCLATH(1,2) — — — Write Buffer for the upper 5 bits of the Program Counter ---0 0000 ---0 0000 8Bh INTCON(1) GIE PEIE T0IE INTE RBIE T0IF INTF RBIF 0000 000x 0000 000u 8Ch PIE1 —ADIE — — — CCP1IE TMR2IE TMR1IE -0-- -000 -0-- -000 8Dh — Unimplemented — — 8Eh PCON — — — — — —POR BOR ---- --qq ---- --uu 8Fh-91h — Unimplemented — — 92h PR2 Timer2 Period Register 1111 1111 1111 1111 93h-9Eh — Unimplemented — — 9Fh ADCON1 — — — — — PCFG2 PCFG1 PCFG0 ---- -000 ---- -000 Legend: x = unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ’0’, Shaded locations are unimplemented, read as ’0’. Note 1: These registers can be addressed from either bank. 2: The upper byte of the program counter is not directly accessible. PCLATH is a holding register for PC<12:8> whose contents are transferred to the upper byte of the program counter. 3: Other (non power-up) resets include: external reset through MCLR and the Watchdog Timer Reset. 4: The IRP and RP1 bits are reserved. Always maintain these bits clear. 5: On any device reset, these pins are configured as inputs. 6: This is the value that will be in the port output latch. 7: Reserved bits; Do Not Use. TABLE 2-1 SPECIAL FUNCTION REGISTER SUMMARY (Cont.’d) Addr Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on: POR, BOR Value on all other resets (4) |