| データシートサーチシステム |
|
TC510COG データシート(PDF) 18 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC510COG データシート(HTML) 18 Page - Microchip Technology |
|
18 / 28 page ![]() TC500/A/510/514 DS21428B-page 18 © 2002 Microchip Technology Inc. 9.0 TYPICAL CHARACTERISTICS The graphs and tables following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range), and therefore outside the warranted range. Load Current (mA) -5 -4 -3 -2 -1 0 1 2 3 4 5 010 20 30 40 50 60 70 80 Output Voltage vs Load Current TA = 25˚C V+ = 5V Slope 60 Ω Load Current (mA) 0 3 456 12 7 8 9 10 0 25 50 75 100 125 150 175 200 Output Ripple vs. Load Current V+ = 5V, TA = 25˚C Osc. Freq. = 100kHz CAP = 1 µF CAP = 10 µF Oscillator Capacitance (pF) 100 10 1 110 100 1000 Oscillator Frequency vs. Capacitance TA = +25˚C V+ = 5V Output Current (mA) 06 8 10 4 214 16 18 12 20 -0 -1 -3 -2 -4 -5 -7 -6 -8 Output Voltage vs. Output Current TA = 25˚C Temperature (˚C) 70 80 90 100 60 50 40 -50 025 -25 50 75 100 Output Source Resistance vs. Temperature V+ = 5V IOUT = 10mA Temperature (˚C) 125 150 100 75 50 -50 025 -25 50 75 125 100 Oscillator Frequency vs. Temperature V+ = 5V |