データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM8172A データシート(PDF) 4 Page - Nippon Precision Circuits Inc

部品番号 SM8172A
部品情報  2-output Power Supply IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NPC [Nippon Precision Circuits Inc]
ホームページ  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8172A データシート(HTML) 4 Page - Nippon Precision Circuits Inc

  SM8172A Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8172A Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8172A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8172A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8172A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8172A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8172A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8172A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8172A Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SM8172A
SEIKO NPC CORPORATION —4
11. ELECTRICAL CHARACTERISTICS
Note. The specifications of “ELECTRICAL CHARACTERISTICS” are shown by using “TYPICAL APPLI-
CATION CIRCUIT” on page 13.
11-1. Common Blocks
VIN1 = VIN2 = 5.0V, GND = PGND = 0V, Ta = 25
°C unless otherwise noted.
11-2. Series Regulator
VIN1 = VIN2 = 5.0V, GND = PGND = 0V, Ta = 25
°C unless otherwise noted.
Parameter
Pin
Symbol
Condition
Rating
Unit
min
typ
max
Standby current
VIN1, 2
ISTB
Standby mode (ENDCO = ENLDO = L),
No load on inputs/outputs
0.01
1
µA
HIGH-level input voltage
ENDCO,
ENLDO
VIH
1.8
V
LOW-level input voltage
VIL
0.6
V
HIGH-level input current
IIH
5.0
10
µA
RESETN output current
RESETN
IRESETN
VRESETN = 1.0V
20
mA
Reset circuit operating
voltage
VIN2
VRESETNL
When VIN falls
3.5
3.7
3.9
V
VRESETNH
When VIN rises
3.7
3.9
4.1
V
Reset circuit return delay
time
RESETN
tRESETN
When VIN rises
65
ms
Under voltage lockout
VIN2
VUVLOL
When VIN falls
2.7
3.0
3.3
V
VUVLOH
When VIN rises
2.9
3.2
3.5
V
TSD operating temperature
TSD
170
°C
TSD hysteresis
TSDHYS
–20–
°C
Parameter
Pin
Symbol
Condition
Rating
Unit
min
typ
max
Current consumption
VIN1, 2
IDD_LDO
No load
0.1
0.25
mA
Soft start time
LDOUT
tSS_LDO
0.5
1
2
ms
Output voltage
LDOUT
VLDO
ILDO = 10mA
3.23
3.3
3.37
V
Maximum output current*1
*1. The output voltage difference at ILDO = 1mA and ILDO = 450mA is within ± 3%.
LDOUT
ILDO
VIN2 = 4.5V, LDOUT = 3.3V
450
mA
Input stability
LDOUT
∆VOUT1
4.5V
≤ VIN2 ≤ 5.5V, ILDO = 30mA
0.1
0.35
%/V
Load stability
LDOUT
∆VOUT2
VIN2 = 5.0V, 1mA
≤ ILDO ≤ 300mA
40
mV
Overcurrent protection
circuit operating current
LDOUT
IOS
700
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com