| データシートサーチシステム |
|
PIC16LC620-04E/SS データシート(PDF) 26 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16LC620-04E/SS データシート(HTML) 26 Page - Microchip Technology |
|
26 / 108 page ![]() PIC16C62X DS30235G-page 26 Preliminary © 1998 Microchip Technology Inc. FIGURE 5-3: BLOCK DIAGRAM OF RA3 PIN FIGURE 5-4: BLOCK DIAGRAM OF RA4 PIN Data bus Q D Q CK P N WR PortA WR TRISA Data Latch TRIS Latch RD TRISA RD PORTA Analog VSS VDD RA3 Pin Q D Q CK D Q EN To Comparator Schmitt Trigger Input Buffer Input Mode Comparator Output Comparator Mode = 110 Note: I/O pins have protection diodes to VDD and VSS Data bus Q D Q CK N WR PortA WR TRISA Data Latch TRIS Latch RD TRISA RD PORTA VSS RA4 Pin Q D Q CK D Q EN TMR0 Clock Input Schmitt Trigger Input Buffer Comparator Output Comparator Mode = 110 Note: RA4 has protection diodes to VSS only |