データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS7A3001-EP データシート(PDF) 4 Page - Texas Instruments

部品番号 TPS7A3001-EP
部品情報  ??6V, ??00mA, ULTRALOW-NOISE, NEGATIVE LINEAR REGULATOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPS7A3001-EP データシート(HTML) 4 Page - Texas Instruments

  TPS7A3001-EP_15 Datasheet HTML 1Page - Texas Instruments TPS7A3001-EP_15 Datasheet HTML 2Page - Texas Instruments TPS7A3001-EP_15 Datasheet HTML 3Page - Texas Instruments TPS7A3001-EP_15 Datasheet HTML 4Page - Texas Instruments TPS7A3001-EP_15 Datasheet HTML 5Page - Texas Instruments TPS7A3001-EP_15 Datasheet HTML 6Page - Texas Instruments TPS7A3001-EP_15 Datasheet HTML 7Page - Texas Instruments TPS7A3001-EP_15 Datasheet HTML 8Page - Texas Instruments TPS7A3001-EP_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
D
D
V
( V )
OUT
IN
V
OUT(NOM)
D
D
V
( I
)
OUT
OUT
V
OUT(NOM)
TPS7A3001-EP
SBVS174
– OCTOBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
(1)
At TJ = –55°C to +125°C, |VIN| = |VOUT(NOM)| + 1.0V or |VIN| = 3.0V (whichever is greater), VEN = VIN, IOUT = 1mA, CIN = 2.2µF, COUT = 2.2µF,
CNR/SS = 0nF, and the FB pin tied to OUT, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
–36.0
–3.0
V
VREF
Internal reference
VNR/SS = VREF
–1.22
–1.184
–1.142
V
Output voltage range(2)
|VIN| ≥ |VOUT(NOM)| + 1.0V
–35.0
VREF
V
Nominal accuracy
TJ = +25°C, |VIN| = |VOUT(NOM)| + 0.5V
–1.5
+1.5
%VOUT
VOUT
|VOUT(NOM)| + 1.0V ≤ |VIN| ≤ 35V
Overall accuracy
–2.85
+2.85
%VOUT
1mA
≤ IOUT ≤ 200mA
Line regulation
TJ = +25°C, |VOUT(NOM)| + 1.0V ≤ |VIN| ≤ 35V
0.14
%VOUT
Load regulation
TJ = +25°C, 1mA ≤ IOUT ≤ 200mA
0.04
%VOUT
VIN = 95% VOUT(NOM), IOUT = 100mA
216
mV
|VDO|
Dropout voltage
VIN = 95% VOUT(NOM), IOUT = 200mA
325
600
mV
ILIM
Current limit
VOUT = 90% VOUT(NOM)
220
330
500
mA
IOUT = 0mA
55
100
μA
IGND
Ground current
IOUT = 100mA
950
μA
VEN = +0.4V
1.0
3.0
μA
|ISHDN|
Shutdown supply current
VEN = –0.4V
1.0
3.0
μA
I FB
Feedback current(3)
14
100
nA
VEN = |VIN| = |VOUT(NOM)| + 1.0V
0.48
1.0
μA
|IEN|
Enable current
VIN = VEN = –35V
0.51
1.0
μA
VIN = –35V, VEN = +15V
0.50
1.2
μA
V+EN_HI
Positive enable high-level voltage
TJ = –55°C to +125°C
+2.0
+15
V
V+EN_LO
Positive enable low- level voltage
0
+0.4
V
V–EN_HI
Negative enable high-level voltage
VIN
–2.0
V
V–EN_LO
Negative enable low- level voltage
–0.4
0
V
VIN = –3V, VOUT(NOM) = VREF, COUT = 10μF,
15.1
μVRMS
CNR/SS = 10nF, BW = 10Hz to 100kHz
VNOISE
Output noise voltage
VIN = –6.2V, VOUT(NOM) = –5V, COUT = 10μF,
CNR/SS = CBYP
(4) = 10nF, BW = 10Hz to
17.5
μVRMS
100kHz
VIN = –6.2V, VOUT(NOM) = –5V, COUT = 10μF,
PSRR
Power-supply rejection ratio
72
dB
CNR/SS = CBYP
(4) = 10nF, f = 120Hz
Shutdown, temperature increasing
+170
°C
TSD
Thermal shutdown temperature
Reset, temperature decreasing
+150
°C
Operating junction temperature
TJ
–55
+125
°C
range
(1)
At operating conditions, VIN ≤ 0V, VOUT(NOM) ≤ VREF ≤ 0V. At regulation, VIN ≤ VOUT(NOM) – |VDO|. IOUT > 0 flows from OUT to IN.
(2)
To ensure stability at no load conditions, a current from the feedback resistive network equal to or greater than 5
μA is required.
(3)
IFB > 0 flows into the device.
(4)
CBYP refers to a bypass capacitor connected to the FB and OUT pins.
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com