| データシートサーチシステム |
|
4N60G-TQ2-R データシート(PDF) 5 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
4N60G-TQ2-R データシート(HTML) 5 Page - Unisonic Technologies |
|
5 / 8 page ![]() 4N60-N Power MOSFET UNISONICTECHNOLOGIESCO.,LTD 5 of 8 www.unisonic.com.tw QW-R502-971.B ELECTRICAL CHARACTERISTICS (TC =25°С, unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT OFF CHARACTERISTICS Drain-Source Breakdown Voltage BVDSS VGS = 0V, ID = 250μA 600 V Drain-Source Leakage Current IDSS VDS = 600V, VGS = 0V 10 μA Gate-Source Leakage Current Forward IGSS VGS = 30V, VDS = 0V 100 nA Reverse VGS = -30V, VDS = 0V -100 nA Breakdown Voltage Temperature Coefficient △BVDSS/△TJ ID=250μA,Referenced to 25°C 0.6 V/°С ON CHARACTERISTICS Gate Threshold Voltage VGS(TH) VDS = VGS, ID = 250μA 2.0 4.0 V Static Drain-Source On-State Resistance RDS(ON) VGS = 10 V, ID = 2.2A 2.1 2.5 Ω DYNAMIC CHARACTERISTICS Input Capacitance CISS VDS = 25V, VGS = 0V, f = 1MHz 530 630 pF Output Capacitance COSS 70 90 pF Reverse Transfer Capacitance CRSS 25 40 pF SWITCHING CHARACTERISTICS Turn-On Delay Time tD(ON) VDD = 300V, ID = 4.0A, RG = 25Ω (Note 1, 2) 35 55 ns Turn-On Rise Time tR 70 110 ns Turn-Off Delay Time tD(OFF) 190 240 ns Turn-Off Fall Time tF 100 130 ns Total Gate Charge QG VDS= 480V,ID= 4.0A, VGS= 10V (Note 1, 2) 80 nC Gate-Source Charge QGS 5 nC Gate-Drain Charge QGD 9 nC SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS Drain-Source Diode Forward Voltage VSD VGS = 0V, IS = 4.4A 1.4 V Maximum Continuous Drain-Source Diode Forward Current IS 4.4 A Maximum Pulsed Drain-Source Diode Forward Current ISM 17.6 A Reverse Recovery Time trr VGS = 0 V, IS = 4.4A, dIF/dt = 100 A/μs (Note 1) 250 ns Reverse Recovery Charge QRR 1.5 μC Notes: 1. Pulse Test: Pulse width≤300μs, Duty cycle≤2% 2. Essentially independent of operating temperature |