データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM20144 データシート(PDF) 6 Page - Texas Instruments

部品番号 LM20144
部品情報  4A PowerWise Adjustable Frequency Synchronous Buck Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM20144 データシート(HTML) 6 Page - Texas Instruments

Back Button LM20144_15 Datasheet HTML 2Page - Texas Instruments LM20144_15 Datasheet HTML 3Page - Texas Instruments LM20144_15 Datasheet HTML 4Page - Texas Instruments LM20144_15 Datasheet HTML 5Page - Texas Instruments LM20144_15 Datasheet HTML 6Page - Texas Instruments LM20144_15 Datasheet HTML 7Page - Texas Instruments LM20144_15 Datasheet HTML 8Page - Texas Instruments LM20144_15 Datasheet HTML 9Page - Texas Instruments LM20144_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LM20144
SNVS529G – OCTOBER 2007 – REVISED MARCH 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified: CIN = COUT = 100 µF, L = 1.0 µH (Coilcraft MSS1038), VIN = 5V, VOUT = 1.2V, RLOAD = 1.2Ω,
fSW = 1 MHz, TA = 25°C for efficiency curves, loop gain plots and waveforms, and TJ = 25°C for all others.
Error Amplifier Gain
vs.
Frequency
Line Regulation
Figure 7.
Figure 8.
Feedback Pin Voltage
vs.
Load Regulation
Temperature
Figure 9.
Figure 10.
Switching Frequency
Switching Frequency
vs.
vs.
Temperature
RT
Figure 11.
Figure 12.
6
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM20144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com